Part Number Hot Search : 
LAN9116 1A042 55320301 MC9S0 1215S AK4345 C51RBIA T1200
Product Description
Full Text Search
 

To Download SK1020D1 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SK1020D1 ... SK10100D1
SK1020D1 ... SK10100D1
Surface Mount Schottky Rectifiers - Single Diode Schottky-Gleichrichter fur die Oberflachenmontage - Einzeldiode Version 2006-04-06
2.3 0.5 7.00.2 6.60.2 0.2 5.3
Nominal Current Nennstrom Repetitive peak reverse voltage Periodische Spitzensperrspannung Plastic case Kunststoffgehause Weight approx. Gewicht ca.
10 A 20...100 V TO-252AA D-PAK 1.6 g
4
5.60.2
Type Typ
1.20.2
1
2.5
2
3
1
1 2 3
4
Plastic material has UL classification 94V-0 Gehausematerial UL94V-0 klassifiziert Standard packaging taped and reeled Standard Lieferform gegurtet auf Rolle
Dimensions - Mae [mm]
Maximum ratings and Characteristics Type Typ Repetitive peak reverse voltage Periodische Spitzensperrspannung VRRM [V] 20 30 40 45 50 60 80 100 Surge peak reverse voltage Stospitzensperrspannung VRSM [V] 20 30 40 45 50 60 80 100 TC = 100C f > 15 Hz SK1020... SK1060D1 SK1080... SK10100D1 TA = 25C TA = 25C TA = 25C
Grenz- und Kennwerte Forward Voltage Durchlass-Spannung VF [V] 1) IF = 5 A IF = 10 A < 0.55 < 0.55 < 0.55 < 0.55 < 0.65 < 0.65 < 0.83 < 0.83 10 A 30 A 2) 135/150 A 115/125 A 80 A2s -50...+150C -50...+175C < 0.51 < 0.51 < 0.51 < 0.51 < 0.57 < 0.57 < 0.71 < 0.71 IFAV IFRM IFSM IFSM i2t Tj TS
SK1020D1 SK1030D1 SK1040D1 SK1045D1 SK1050D1 SK1060D1 SK1080D1 SK10100D1
Max. average forward rectified current, R-load Dauergrenzstrom in Einwegschaltung mit R-Last Repetitive peak forward current Periodischer Spitzenstrom Peak forward surge current 50/60 Hz half sine-wave Stostrom fur eine 50/60 Hz Sinus-Halbwelle Rating for fusing, t < 10 ms Grenzlastintegral, t < 10 ms Junction temperature - Sperrschichttemperatur Storage temperature - Lagerungstemperatur
1 2
Tj = 25C Max. temperature of the case TC = 100C - Max. Temperatur des Gehauses TC = 100C http://www.diotec.com/
(c) Diotec Semiconductor AG
1
SK1020D1 ... SK10100D1 Characteristics Leakage current Sperrstrom Leakage current Sperrstrom SK1020D1... SK1045D1 Tj = 25C Tj = 100C VR = VRRM VR = VRRM IR IR RthC Kennwerte < 300 A < 45 mA < 200 A < 25 mA < 2.5 K/W
SK1050D1... Tj = 25C SK10100D1 Tj = 100C
Thermal resistance junction to case Warmewiderstand Sperrschicht - Gehause
120 [%] 100
102 [A] 10
SK1020D1...SK1045D1 SK1050D1, SK1060D1
80 1
60
40 10 20 IFAV 0 0 TC 50 100 150 [C]
-1
IF 10
-2
SK1080D1, SK10100D1
0
Rated forward current vs. temp. of the case Zul. Richtstrom in Abh. v. d. Gehausetemperatur
0.4 0.6 1.0 VF [V] Forward characteristics (typical values) Durchlasskennlinien (typische Werte)
2
http://www.diotec.com/
(c) Diotec Semiconductor AG


▲Up To Search▲   

 
Price & Availability of SK1020D1

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X